PART |
Description |
Maker |
W19B160BTT7H |
2.7~3.6-volt write (program and erase) operations, Fast write operation
|
Winbond
|
MCM69R819AZP8R MCM69R819AZP5 MCM69R819AZP6 MCM69R8 |
MCM69R737A/D 4M Late Write LVTTL ER 14C 12#16 2#4 SKT PLUG 256K X 18 LATE-WRITE SRAM, 2.5 ns, PBGA119 4M Late Write LVTTL 256K X 18 LATE-WRITE SRAM, 3 ns, PBGA119 4M Late Write LVTTL 256K X 18 LATE-WRITE SRAM, 3.5 ns, PBGA119
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
XR-117-2CP XR-117-2CN XR-117-4CN XR-117-4CP XR1099 |
2-Channel Disk Read/Write Circuit 7Channel Graphic Equalizer Filter with A/D Converter and Improved mP Interface(105.88 k ) 6-Channel Read/Write Circuit 6通道写电 2通道磁盘写电 4-Channel Disk/Tape Read/Write Circuit 4通道的磁磁带写电 Graphic Equalizer 图形均衡
|
Brady, Corp.
|
AT49LV4096A AT49BV4096A AT49LV4096A-70C5I |
256K X 16 FLASH 2.7V PROM, 70 ns, PBGA48 4M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 4M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot
|
ATMEL CORP
|
AT34C02B |
2K, 2-wire Bus Serial EEPROM with permanent software write protection and reversible software write protection.
|
Atmel
|
ISD4002-120 ISD4002-120E ISD4002-120ED ISD4002-120 |
Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 180 -40秒持续时 Single-Chip Voice Record/Playback Device(Single-chip Durations of 120 seconds)(单片的录录音重放一片信息存储持续时120秒)) 单芯片语音记播放设备(单芯片的持续时120秒)(单片的录音/录音重放器(一片信息存储持续时120秒) Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 150 - 180 -240秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 150 - 80 -40秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 80 -240秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 80 -40秒持续时 Single-Chip Voice Record/Playback Devices 120-/ 150-/ 180-/ and 240-Second Durations
|
Winbond Electronics, Corp. Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
SSI32R511-8F SSI32R516-6CH SSI32R516-6CL SSI32R516 |
4-Channel Disk/Tape Read/Write Circuit 8-Channel Disk Read/Write Circuit 8通道磁盘写电 6-Channel Read/Write Circuit 6通道写电
|
API Delevan
|
AT28BV64B-25TC AT28BV64B-20PC AT28BV64B-20JI AT28B |
64K (8K x 8) Battery-Voltage?/a> Parallel EEPROM with Page Write and Software Data Protection 64K (8K x 8) Battery-Voltage⑩ Parallel EEPROM with Page Write and Software Data Protection From old datasheet system 64K EEPROM with 64-Byte Page & Software Protection, 2.7-Volt 64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection High Speed CMOS Logic Triple 3-Input OR Gates 14-SOIC -55 to 125 8K X 8 EEPROM 3V, 250 ns, PDSO28 64K (8K x 8) Battery-VoltageParallel EEPROM with Page Write and Software Data Protection 8K X 8 EEPROM 3V, 200 ns, PDSO28
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
ISD2532 ISD2564 ISD2540 ISD2548 |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 32 seconds)(单片的录录音重放一片信息存储持续时2秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 64 seconds)(单片的录录音重放一片信息存储持续时4秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 40 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 48 seconds)(单片的录录音重放一片信息存储持续时8秒))
|
Winbond Electronics Corp
|
24LCS52 24LC52-IP 24LC52-ISN 24LC52-IST 24LC52-P 2 |
2K 2.5V I 2 C Serial EEPROM with Software Write Protect 2K 2.5VI 2 C串行EEPROM,带有软件写保护 2K 2.5V I 2 C Serial EEPROM with Software Write Protect 2K2.5VI2CSerialEEPROMwithSoftwareWriteProtect
|
MicrochipTechnology Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
BH6625FS |
Magnetic Disk LSIs > FDD read/write amplifier Read / Write amplifier for FDD
|
ROHM[Rohm]
|